PART |
Description |
Maker |
ATMEGA644P-A15MZ ATMEGA324P-A15MZ ATMEGA164P-A15MZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 0.50 MM PITCH, GREEN, MO-220WKKD-1, QFN-44 MCU AVR 32KB FLASH 15MHZ 44QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 Nonvolatile Program and Data Memories
|
Atmel, Corp. ATMEL Corporation
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
UP550 |
Program Controller
|
Yokogawa
|
K4D623238B-GQC |
512K x 32Bit x 4 Banks Double Data Rate Synchronous RAM wi Extended Data Out Data Sheet
|
Samsung Electronic
|
BM94801KUT |
Initial Program ROM
|
Rohm
|
1109800-08 1109800-14 1109800-16 1109800-18 110980 |
Program Your Own Correct-A-Chip垄芒
|
Aries Electronics, Inc.
|
M193X |
EPM 16 Electronic Program Memory
|
SGS
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
SW1-SW16 M16C26A-EDC JA1 D2-D5 JA2 |
Sample Program (Electronic Desktop Calculator)
|
Renesas Electronics Corporation
|
HS4318ESH01H HS4318ESS01H HD404316H HD404316S HD40 |
microcomputer designed to increase program productivity
|
Renesas Electronics Corporation
|
HD404328H HD404052H HD404052S HD404054H HD404054S |
microcomputer designed to increase program productivity
|
Renesas Electronics Corporation
|